Part Number Hot Search : 
T273A 08053 SB060 Z84C44 UF4001 42010 STTH1 15020
Product Description
Full Text Search
 

To Download STW51000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GreenSIDE STW51000
SUPER INTEGRATED DSP ENGINE
DATA BRIEF
1
Product Features
Super Integrated SoC including 2 x ST140 quad MAC DSP engines running at 600MHz and 1 x ARM926 Micro Controller running at 300MHz Double Quad-MAC units Double Quad-ALU (32 and 40-bit) 4800 MMacs/s - 29000 Mops - 7500 Mips Convolutional Decoder Engine: - 256 x 12.2 kpbs AMR voice users - Programmable Code Parameters to support multi-standards (W-CDMA, TD-SCDMA, CDMA2000 and EDGE) Turbo Decoder Engine: - 28 x 384 kbps (8 iterations) - Programmable Code Parameters to support multi-standards (W-CDMA, TD-SCDMA and CDMA2000) - Includes CRC Processing - Hardware Interleaver with multi-standard support Two 32-channel DMA Engines 16Mbit Central Memory shared among DSPs, C and DMA Engines One 32-bit External Memory Controller One external Master Interface One 32-bit Communication Interface Two Multi-Channel Serial Ports Two Ethernet MAC One 16-bit UTOPIA Level 2 Interface 32-bit General Purpose I/Os Two 32-bit Timers Programmable PLL Clock Generator IEEE-1149.1 (JTAG) Development tools available Baseband modem SW deliverables available
Figure 1. Package

PBGA/HSP-569
Table 1. Order Codes
Part Number STW51000AT
Package PBGA/HSP-569




Conditional Instructions to reduce code size and overhead Built-in Coprocessor Interfaces for highly optimized Instruction Definition Compiler Friendly Instruction Set for high performance critical DSP Routines directly from C 8, 16, 32 and 40-bit Data Support Circular and bit-reversed Data addressing modes 32x16 bit Multiplier eases floating point to fixed point conversion 8-bit Overflow protection Bit Manipulation Normalization, Saturation Zero Overhead Loops 32Kbytes L1 Program Cache and 64Kbytes L1 Data Cache
3

ARM926 Features
32/16-bit RISC Architecture 32-bit ARM Instruction Set for maximum performance and flexibility 16-bit Thumb Instruction set for high code density Built-in Memory Management Unit for OS Support 32Kbytes L1 Program Cache 16KBytes L1 Data Cache
2

ST140 Features
32-bit Load/Store Architecture 16-bit, 32-bit or 128-bit (SLIW) Instruction Set for high performance / high code density trade off

April 2005
This is preliminary information on a new product now in development. Details are subject to change without notice.
Rev. 2 1/8
GreenSIDE - STW51000
4
Overview/Description
GreenSIDE is a cost-effective, System-on-Chip device that targets applications in wireless infrastructure equipment. The device combines two quad-MAC ST140 DSP cores, a standard ARM926-EJS RISC processor core providing a total of 29000 Mops, 7500 Mips, 4800MMacs/s, 16Mb of embedded SRAM memory, dedicated Turbo Decoding Engine (TDE) for Data error correction, and Convolutional Decoding Engine (CDE) for Voice error correction for 2.5G and 3G standards, with a complete set of high-performance peripherals. As a highly-integrated baseband modem solution, GreenSIDE offers a unique opportunity to significantly reduce the overall cost/channel and cost/MIPS. The GreenSIDE Super Integrated DSP Engine is based on the ST Open Wireless Infrastructure Platform. This is an extendable solution comprising hardware, software and integration tools used to develop a cost effective Wireless Infrastructure silicon solutions in a very short time. The GreenSIDE ASSP is designed to be extremely flexible to suit all leading-edge wireless standards such as W-CDMA, CDMA2000, TD-SCDMA and EDGE. GreenSIDE is a step forward in the System Integration race. It offers a true System-on-Chip solution, including multiple embedded cores, and infrastructure application specific IP elements. Figure 2. GreenSIDE ASSP Block Diagram
ETM
GreenSIDE
Data Cache
ARM
926
Program Cache
Parallel Com. Interfaces
UART
Timers ITC
UART
Timers ITC
Program Cache
Program Cache
ST140
Data Cache
ST140
DMA
DSP
Bus Switch
DSP
Bus Switch
VIC
Debug
Cross Bar
Core Periph
1 x UARTs 32-bit GPIO System Control PLL 2 x 32-bit Timers
COPRO
Turbo Decoder Engine Convolutional Decoder Engine External Memory Interface
DMA Periph
2 x Ethernet MAC 2x MSP UTOPIA
GMM 2 MB (SRAM)
5
Architecture Overview
The GreenSIDE architecture is designed using ASIC Methodology. It employs re-usable embeddable cores as well as application specific IP blocks such as a Turbo Decoder Engine, Convolution Decoder Engine, UTOPIA Interface, Multi-channel Serial Ports, Ethernet MAC, etc. The GreenSIDE Super Integrated DSP Engine includes two ST140 Digital Signal Processing CPUs. Each ST140 is a Quad-MAC DSP engine, able to process up to 24 complete W-CDMA modems for 12.2 kbps voice users. Having two ST140 instances provides the support of 48 above defined voice users processing capability. GreenSIDE also includes an ARM926 micro-controller, used as a master for the complete system. It allows the setup of peripherals within the system, and schedules the DSP task execution.
2/8
Data Cache
GreenSIDE - STW51000
The GreenSIDE bus architecture is based on the Multi-Layer AHB (Transfer Cross Bar). This bus architecture provides a large amount of bandwidth in the system, and prevents the bus architecture from being a bottleneck. A 16Mbit memory provides a data exchange capability between CPUs. It allows storage of a collection of data coming from Fast Serial Ports or other DMA-based peripherals.
6
ST140 Overview
The ST140 is a 32-bit MCU/16-bit DSP Load/Store architecture, which provides full DSP-MCU capability. This capability is hosted by a comprehensive 32-bit Instruction set plus a 16-bit Instruction set for high code density, and a specific instruction mode offering an increased level of parallelism suitable for high performance DSP operations. The ST140 architecture is designed for maximum code efficiency for both micro-controller code and vector DSP code, even when programmed with "C" Language. The 32 x 40-bit data registers correspond to "C" data types and allow high precision results. The 17 x 32-bit Pointer / Index registers provide easy data access and the 3 hardware loop controllers are managed using C. The ST140 Compiler checks for parallel arguments at the instruction level, checks blocks of code, determines critical paths and dependencies and re-orders instructions to benefit from the predication and to maximize speed. The ST140 is fully pipelined for maximum efficiency; while data accesses are access decoupled for minimum access latency and reduced need to use the Data Registers. ST140 includes a 32Kbytes Program and 64 Kbytes Data Cache for high performance execution. Table 2. ST140 Benchmarks
Functions Real Block IFR Simple-Sample FIR Complex Block FIR LMS IIR Vector Dot Product Vector Add Vector Maximum FFT Radix-4 T/4 + 14 (T + 0.5) x N + 13 T/2 + 16 N/A N/4 + 11 N / 2 + 11 N/4+10 Formula (T+1) x N/4 + 24 N 40 1 40 1 1 40 40 40 256 5 2 B T 16 16 16 16 M Cycles 194 18 673 28 8 21 31 20 1380
N : Nb of Points - B: Nb of Sections - T: Nb of Taps - M: Nb of New Relative Maxima
7
ARM Sub-System Overview
The GreenSIDE ASSP is based on the open ARM PrimeXSysTM platform built around the ARM926 core and includes a set of Peripherals and an AMBA Multi-Layer AHB system bus for maximized throughput. The ARM Sub System contains a set of standard Peripherals including Timers, Watchdog, 32-bit GPIOs, and Clock/System Controller. Beside the standard peripherals the ARM Sub system also contains a set of high-speed DMA Peripherals including Multi-Channel Serial Ports, UTOPIA interface, Turbo Decoder Engine and Convolutional Decoder Engine. Three DMA Engine manage all DMA operations over the System. An Interrupt Controller with 32 standard interrupts and 16-vectored interrupts provides a simple software interface to the interrupt system. For expansion purpose, two External Memory Controllers can address SRAM, Flash, ROM or I/O Devices. Those External Devices can be accessed by either DSPs or MCU.
3/8
GreenSIDE - STW51000
8
Wireless Development Library
STMicroelectronics provides a complete set of libraries that implement complete Layer 1 of wireless standards such as EDGE, WCDMA FDD Release 4, 5, 6, TD-SCDMA, CDMA2000 1xEV-DO, 1xEV-DV, optimized for the GreenSIDE device and platform.
9
NODE B - GreenSIDE Implementation Examples
Figure 3. W-CDMA Node-B (1-Carrier, 96 voice users) - 2 chip-based
RF - PA - Analog Chip Rate Inner Modem / Outer Modem
GreenSIDE MSP TDE CDE
ARM
ADC
ST140
RX ASIC
926
Comm. Interface MSP Ethernet
Memory
ST140
Backplane
UTOPIA
RF
GreenSIDE MSP TDE CDE
ARM
PA DAC
ST140
TX ASIC
926
Ethernet
48 voice channels per GreenSIDE
Figure 4. W-CDMA Node-B (1-Carrier, 128 voice users) - 3 chip-based
RF - PA - Analog Inner Modem Outer Modem
Comm. Interface MSP
Memory
ST140
UTOPIA
Chip Rate
Symbol Rate
MSP
TDE
CDE
ARM
926
Memory
ST140
Comm. Interface
ADC
ST140
UTOPIA
RF PA DAC
MSP GreenSIDE
Ethernet
RX ASIC
TDE MSP Comm. Interface
CDE
ARM
926
Memory
ST140 4
TX ASIC
MSP TDE CDE
ST140
UTOPIA
MSP Ethernet GreenSIDE
Backplane
ARM
926
Memory
ST140
Comm. Interface
MSP UTOPIA GreenSIDE
Ethernet
RX ASIC
ST140
64 voice channels per GreenSIDE for inner modem Rx and Tx
128 voice channels per GreenSIDE for outer modem Rx and Tx
4/8
GreenSIDE - STW51000
10 Development Support
STMicroelectronics provides a complete set of development tools around the GreenSIDE Super Integrated DSP Engine, to evaluate the performance, and to develop, debug, and integrate Application Code on the chip via an ARM/DSP environment, providing multi-Core Development/Debug capabilities. 10.1 Software Development Tools: Software Development Tools for ARM and ST140 include an Integrated Development Environment tool, the C/C++ Compiler, Assembler and Linker Code Generation, the Instruction Set Simulator and the OSaware Debugger application for Simulation and Emulation Debug. Beside standard Software Development Tools, RTOS dedicated tools for application-level debugging and analysis of embedded applications are available. It includes Runtime Debugging, System and Process information viewing, Manual Process Control, System Event Tracing and Monitoring, Memory Analysis and Message Search, CPU usage analysis and more. 10.2 Software Libraries GreenSIDE silicon comes along with a Chip Support Package, which includes low level driver software (to configure and use GreenSIDE peripherals), RTOS Support (commercial OS porting to GreenSIDE platform) and application specific libraries (ATM, TCP/IP, ...). 10.3 Hardware development tools In addition to Software Development Tools, a complete set of Hardware tools help GreenSIDE users to speed-up the development of new applications. The GreenSIDE Evaluation Board is used to evaluate GreenSIDE performance, as well as to develop Software Application. It offers a basic set of peripherals in addition to the GreenSIDE built-in peripherals.
5/8
GreenSIDE - STW51000
11 Package Information
Figure 5. PBGA/HSP-569 (40x40x2.46mm) Mechanical Data & Package Dimensions
mm DIM. MIN. A A1 A2 b D D1 D2 E E1 E2 e F H ddd eee fff 39.80 0.60 39.80 0.36 1.73 0.75 40.00 38.10 34.50 40.00 38.10 34.50 1.27 0.95 27.00 0.20 0.30 0.15 40.20 1.567 0.90 40.20 0.024 1.567 TYP. MAX. 2.46 0.142 0.068 0.029 1.575 1.500 1.358 1.575 1.500 1.358 0.05 0.037 1.062 0.008 0.012 0.006 1.583 0.035 1.583 MIN. TYP. MAX. 0.097 inch
OUTLINE AND MECHANICAL DATA
PBGA/HSp-569 (40x40x2.46mm)
Heat Spreader Plastic Ball Grid Array
B e
D D1 BOTTOM VIEW F A F
ddd C A A1
D2
E1
e
A2 C SEATING PLANE
(1) - The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metallized markings, or other feature of package body or integral heatslug - A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1 corner. - Exact shape of each corner is optional.
7572866 A
6/8
E2
E
H
GreenSIDE - STW51000
12 Revision History
Table 3. Revision History
Date 22-mar-2005 04-apr-2005 Revision 1 2 First Issue. Updated the Section 1 first point "Micro Controller". Updated the Section 7 "PrimeXSysTM". Description of Changes
7/8
GreenSIDE - STW51000
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STW51000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X